Part Number Hot Search : 
CP100 NJM7812 ET1820 DM0765 M68000UM 87760 MAX4561 SG117G
Product Description
Full Text Search
 

To Download 2SD1249 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1 base 2 collector 3 emitter 2SD1249, 2SD1249a features high collector-base voltage (emitter open) v cbo absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage 2SD1249 350 v (emitter open) 2SD1249a 400 v collector-emitter voltage 2SD1249 250 v (base open) 2SD1249a 300 v emitter-base voltage (collector open) v ebo 5v collector current i c 0.75 a peak collector current i cp 1.5 a collector power dissipation 35 ta = 25 1.3 junction temperature t j 150 storage temperature t stg -55to+150 v cbo v ceo p c w product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
smd type transistors electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-emitter voltage 2SD1249 250 v (base open) 2SD1249a 300 v collector-emitter cutoff 2SD1249 v ce =350v,v be =0 1 ma current (e-b short) 2SD1249a v ce =400v,v be =0 1 ma collector-emitter cutoff 2SD1249 v ce =150v,i b =0 1 ma current (base open) 2SD1249a v ce =200v,i b =0 1 ma emitter-base cutoff current (collector open) i ebo v eb =5v,i c =0 1 ma v ce =10v,i c =0.3a 40 250 v ce =10v,i c =1a 10 base-emitter voltage v be v ce =10v,i c =1a 1.5 v collector-emitter saturation voltage v ce(sat) i c =1a,i b = 0.2 a 1.0 v transition frequency f t v ce =10v,i c =0.2a,f=10mhz 30 mhz turn-on time t on i c =1a 0.5 s strage time t stg i b1 =0.1a,i b2 =?0.1a 2.0 s fall time t f v cc =50v 0.5 s i c =30ma,i b =0 v ceo i ces i ceo forward current transfer ratio h fe h fe classification rank r q p hfe 40 to 90 70 to 150 120 to 250 2SD1249, 2SD1249a product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of 2SD1249

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X